|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
wire-wound rf chip inductors - 1008cm series electrical specifications @ 25c notes: 1. inductance measured using a hp4191a rf impedance analyzer. 2. q measured using a hp4291a rf impedance analyzer with a hp16193a test fixture. 3. srf measured using a hp8753c network analyzer. 4. r dc measured using a valhalla scientific model 4100 atc digital ohmmeter. 5. based on a 15 o c maximum temperature rise. 6. component weight: 0.032 grams typical. inductance 1 standard optional q 2 srf min 3 r dc 4 i dc 5 part number (nh) tolerance tolerance (min) (mhz min) ( max) (ma max) pe-1008cm040ktt 4.7 @ 50mhz 10% (k) 5% (j), 2% (g) 60 @ 1500mhz 5500 0.05 1000 pe-1008cm080ktt 8.2 @ 50mhz 10% (k) 5% (j), 2% (g) 60 @ 1500mhz 5500 0.05 1000 pe-1008cm100ktt 10 @ 50mhz 10% (k) 5% (j), 2% (g) 50 @ 500mhz 4500 0.09 1000 pe-1008cm120ktt 12 @ 50mhz 10% (k) 5% (j), 2% (g) 65 @ 500mhz 2300 0.09 1000 pe-1008cm150ktt 15 @ 50mhz 10% (k) 5% (j), 2% (g) 55 @ 500mhz 1850 0.19 1000 pe-1008cm180ktt 18 @ 50mhz 10% (k) 5% (j), 2% (g) 55 @ 350mhz 2200 0.06 1000 pe-1008cm220ktt 22 @ 50mhz 10% (k) 5% (j), 2% (g) 55 @ 350mhz 1800 0.09 1000 pe-1008cm270ktt 27 @ 50mhz 10% (k) 5% (j), 2% (g) 60 @ 350mhz 1500 0.11 1000 pe-1008cm330ktt 33 @ 50mhz 10% (k) 5% (j), 2% (g) 60 @ 350mhz 1800 0.18 800 pe-1008cm390ktt 39 @ 50mhz 10% (k) 5% (j), 2% (g) 70 @ 350mhz 1400 0.12 1000 pe-1008cm470ktt 47 @ 50mhz 10% (k) 5% (j), 2% (g) 70 @ 350mhz 1200 0.08 1000 pe-1008cm560ktt 56 @ 50mhz 10% (k) 5% (j), 2% (g) 60 @ 350mhz 1150 0.12 1000 pe-1008cm680ktt 68 @ 50mhz 10% (k) 5% (j), 2% (g) 70 @ 350mhz 1100 0.07 1000 pe-1008cm820ktt 82 @ 50mhz 10% (k) 5% (j), 2% (g) 65 @ 350mhz 950 0.14 950 pe-1008cm101ktt 100 @ 25mhz 10% (k) 5% (j), 2% (g) 65 @ 350mhz 900 0.15 650 pe-1008cm121ktt 120 @ 25mhz 10% (k) 5% (j), 2% (g) 60 @ 350mhz 825 0.22 650 pe-1008cm151ktt 150 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 625 0.16 580 pe-1008cm161ktt 160 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 625 0.25 600 pe-1008cm181ktt 180 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 650 0.25 600 pe-1008cm201ktt 200 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 630 0.24 580 pe-1008cm221ktt 220 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 625 0.28 500 pe-1008cm271ktt 270 @ 25mhz 10% (k) 5% (j), 2% (g) 45 @ 100mhz 525 0.50 500 pe-1008cm331ktt 330 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 500 0.80 450 pe-1008cm371ktt 370 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 490 0.80 430 pe-1008cm391ktt 390 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 475 0.75 425 pe-1008cm401ktt 400 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 470 0.75 420 pe-1008cm471ktt 470 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 450 0.70 350 pe-1008cm561ktt 560 @ 25mhz 10% (k) 5% (j), 2% (g) 50 @ 100mhz 425 0.80 350 pe-1008cm621ktt 620 @ 25mhz 10% (k) 5% (j), 2% (g) 45 @ 100mhz 375 1.90 200 pe-1008cm681ktt 680 @ 25mhz 10% (k) 5% (j), 2% (g) 45 @ 100mhz 375 2.30 200 pe-1008cm751ktt 750 @ 25mhz 10% (k) 5% (j), 2% (g) 45 @ 100mhz 350 1.60 200 pe-1008cm821ktt 820 @ 25mhz 10% (k) 5% (j), 2% (g) 40 @ 100mhz 325 3.30 200 pe-1008cm911ktt 910 @ 25mhz 10% (k) 5% (j), 2% (g) 40 @ 50mhz 300 2.10 200 pe-1008cm102ktt 1000 @ 25mhz 10% (k) 5% (j), 2% (g) 40 @ 50mhz 300 1.80 200 pe-1008cm122ktt 1200 @ 10mhz 10% (k) 5% (j), 2% (g) 40 @ 50mhz 250 3.00 200 pe-1008cm152ktt 1500 @ 10mhz 10% (k) 5% (j), 2% (g) 40 @ 50mhz 200 4.00 150 pe-1008cm182ktt 1800 @ 10mhz 10% (k) 5% (j), 2% (g) 40 @ 50mhz 150 5.09 150 pe-1008cm222ktt 2200 @ 10mhz 10% (k) 5% (j), 2% (g) 30 @ 25mhz 80 5.85 150 pe-1008cm272ktt 2700 @ 10mhz 10% (k) 5% (j), 2% (g) 30 @ 25mhz 90 7.70 150 pe-1008cm332ktt 3300 @ 10mhz 10% (k) 5% (j), 2% (g) 25 @ 15mhz 40 7.80 150 pe-1008cm392ktt 3900 @ 10mhz 10% (k) 5% (j), 2% (g) 20 @ 15mhz 35 8.30 135 pe-1008cm472ktt 4700 @ 10mhz 10% (k) 5% (j), 2% (g) 16 @ 15mhz 25 6.00 150 wirewound ceramic core construction high q values and self resonant frequency industry standard 1008 (2520) surface mount land pattern see page 3 for competition cross usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 18 wc701.j (4/07)
wire-wound rf chip inductors - 1008cm series & & & & $ %& ' && &&& &&&& & & & & & & && & & && & & && & $ %& ' && &&& &&&& (& )* &&& && && && && && && && && && & && & dimensions: inches mm unless otherwise specified all tolerances are .010 0,25 mechanical typical q vs frequency typical inductance vs frequency . b 9 9> /&& (' /&' (' 9 /&'& (& &'& / 8"9 (7 /& 8"9 (27 c /&7& 8"9 (7 + 9 /&& /&&' &( &(& usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 19 wc701.j (4/07) |
Price & Availability of PE-1008CM182GTT |